PART |
Description |
Maker |
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI12N60C FQB12N60C FQB12N60CTM |
600V N-Channel MOSFET 12 A, 600 V, 0.65 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
STQ1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh⑩II MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
IRFBC40 |
CAP CER 1000PF 100V 20% X7R 0603 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2A/ 600V/ 1.200 Ohm/ N-Channel Power MOSFET 6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS1NK60Z 9448 S1NK60Z |
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 13 OHM 0.25A SO-8 ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH?/a> Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQP6N60C FQPF6N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FCH20N60NBSP FCA20N60NBSP FCH20N60 FCA20N60 |
600V N-Channel SuperFET 600V N-Channel MOSFET From old datasheet system
|
Fairchild Semiconductor
|
FQP2N60C FQPF2N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|